Part Number Hot Search : 
CZRW5235 TA7815 144936 LF441C GRM219 BC1602K1 GRM219 UPC554
Product Description
Full Text Search
 

To Download CAT24C01VP2IT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24C01/02/04/08/16
FEATURES
Supports Standard and Fast I2C Protocol 1.8 V to 5.5 V Supply Voltage Range 16-Byte Page Write Buffer Hardware Write Protection for entire memory Schmitt Triggers and Noise Suppression Filters
1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM DEVICE DESCRIPTION
The CAT24C01/02/04/08/16 are 1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb respectively CMOS Serial EEPROM devices organized internally as 8/16/32/64 and 128 pages respectively of 16 bytes each. All devices support both the Standard (100 kHz) as well as Fast (400 kHz) I2C protocol. Data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a Page Write Buffer, and then writing all data to non-volatile memory in one internal write cycle. Data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. External address pins make it possible to address up to eight CAT24C01 or CAT24C02, four CAT24C04, two CAT24C08 and one CAT24C16 device on the same bus.
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology 1,000,000 program/erase cycles 100 year data retention Industrial temperature range RoHS-compliant 8-lead PDIP, SOIC, MSOP
and TSSOP, 8-pad TDFN and 5-lead TSOT-23 packages.
For Ordering Information details, see page 16.
PIN CONFIGURATION
PDIP (L) SOIC (W) TSSOP (Y) MSOP (Z) TDFN (VP2)
CAT24C16 / 08 / 04 / 02 / 01 NC / NC / NC / A0 / A0 NC / NC / A1 / A1 / A1 NC / A2 / A2 / A2 / A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA SCL VSS SDA 1 2 3 4 VCC 5 WP
FUNCTIONAL SYMBOL
VCC
TSOT-23 (TD)
SCL
A2, A1, A0
WP
CAT24Cxx
SDA
For the location of Pin 1, please consult the corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2 SDA SCL WP VCC VSS NC Device Address Inputs Serial Data Input/Output Serial Clock Input Write Protect Input Power Supply Ground No Connect
* Catalyst carries the I2C protocol under a license from the Philips Corporation.
VSS
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 1115, Rev. C
CAT24C01/02/04/08/16
ABSOLUTE MAXIMUM RATINGS(1) Storage Temperature Voltage on Any Pin with Respect to Ground(2) RELIABILITY CHARACTERISTICS(3) Symbol NEND(4) TDR Parameter Endurance Data Retention Min 1,000,000 100 Units Program/ Erase Cycles Years -65C to +150C -0.5 V to +6.5 V
D.C. OPERATING CHARACTERISTICS VCC = 1.8 V to 5.5 V, TA = -40C to 85C, unless otherwise specified. Symbol ICCR ICCW ISB IL VIL VIH VOL1 VOL2 Parameter Read Current Write Current Standby Current I/O Pin Leakage Input Low Voltage Input High Voltage Output Low Voltage Output Low Voltage VCC 2.5 V, IOL = 3.0 mA VCC < 2.5 V, IOL = 1.0 mA Test Conditions Read, fSCL = 400 kHz Write, fSCL = 400 kHz All I/O Pins at GND or VCC Pin at GND or VCC -0.5 Min Max 1 1 1 1 VCC x 0.3 Units mA mA A A V V V V
VCC x 0.7 VCC + 0.5 0.4 0.2
PIN IMPEDANCE CHARACTERISTICS VCC = 1.8 V to 5.5 V, TA = -40C to 85C, unless otherwise specified. Symbol CIN(3) CIN(3) IWP(5) Parameter SDA I/O Pin Capacitance Input Capacitance (other pins) WP Input Current Conditions VIN = 0 V VIN = 0 V VIN < VIH, VCC = 5.5 V VIN < VIH, VCC = 3.3 V VIN < VIH, VCC = 1.8 V VIN > VIH
Note: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns. (3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Page Mode, VCC = 5 V, 25C (5) When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull-down is relatively strong; therefore the external driver must be able to supply the pull-down current when attempting to drive the input HIGH. To conserve power, as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull-down reverts to a weak current source.
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
Max 8 6 200 150 100 1
Units pF pF
A
Doc. No. 1115, Rev. C
2
CAT24C01/02/04/08/16
A.C. CHARACTERISTICS(1) VCC = 1.8 V to 5.5 V, TA = -40C to 85C. Standard Symbol FSCL tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF(2) tSU:STO tBUF tAA tDH Ti(2) tSU:WP tHD:WP tWR tPU(2, 3)
Note: (1) Test conditions according to "A.C. Test Conditions" table. (2) Tested initially and after a design or process change that affects this parameter. (3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Fast Min 0.6 1.3 0.6 0.6 0 100 Max 400 Units kHz s s s s s ns 300 300 0.6 1.3 ns ns s s 0.9 100 100 0 2.5 s ns ns s s 5 1 ms ms
Parameter Clock Frequency START Condition Hold Time Low Period of SCL Clock High Period of SCL Clock START Condition Setup Time Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time STOP Condition Setup Time Bus Free Time Between STOP and START SCL Low to Data Out Valid Data Out Hold Time Noise Pulse Filtered at SCL and SDA Inputs WP Setup Time WP Hold Time Write Cycle Time Power-up to Ready Mode
Min 4 4.7 4 4.7 0 250
Max 100
1000 300 4 4.7 3.5 100 100 0 2.5 5 1
A.C. TEST CONDITIONS Input Levels Input Rise and Fall Times Input Reference Levels Output Reference Levels Output Load 0.2 x VCC to 0.8 x VCC
50 ns
0.3 x VCC, 0.7 x VCC 0.5 x VCC Current Source: IOL = 3 mA (VCC 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
POWER-ON RESET (POR)
Each CAT24Cxx* incorporates Power-On Reset (POR) circuitry which protects the internal logic against powering up in the wrong state. A CAT24Cxx device will power up into Standby mode after VCC exceeds the POR trigger level and will power down into Reset mode when VCC drops below the POR trigger level. This bi-directional POR feature protects the device against `brown-out' failure following a temporary loss of power.
* For common features, the CAT24C01/02/04/08/16 will be refered to as CAT24Cxx
I2C BUS PROTOCOL
The I2C bus consists of two `wires', SCL and SDA. The two wires are connected to the VCC supply via pull-up resistors. Master and Slave devices connect to the 2wire bus via their respective SCL and SDA pins. The transmitting device pulls down the SDA line to `transmit' a `0' and releases it to `transmit' a `1'. Data transfer may be initiated only when the bus is not busy (see A.C. Characteristics). During data transfer, the SDA line must remain stable while the SCL line is HIGH. An SDA transition while SCL is HIGH will be interpreted as a START or STOP condition (Figure 1). The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a `wake-up' call to all receivers. Absent a START, a Slave will not respond to commands. The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH. Device Addressing The Master initiates data transfer by creating a START condition on the bus. The Master then broadcasts an 8-bit serial Slave address. For normal Read/Write operations, the first 4 bits of the Slave address are fixed at 1010 (Ah). The next 3 bits are used as programmable address bits when cascading multiple devices and/or as internal address bits. The last bit of the slave address, R/W, specifies whether a Read (1) or Write (0) operation is to be performed. The 3 address space extension bits are assigned as illustrated in Figure 2. A2, A1 and A0 must match the state of the external address pins, and a10, a9 and a8 are internal address bits. Acknowledge After processing the Slave address, the Slave responds with an acknowledge (ACK) by pulling down the SDA line during the 9th clock cycle (Figure 3). The Slave will also acknowledge the address byte and every data byte presented in Write mode. In Read mode the Slave shifts out a data byte, and then releases the SDA line during the 9th clock cycle. As long as the Master acknowledges the data, the Slave will continue transmitting. The Master terminates the session by not acknowledging the last data byte (NoACK) and by issuing a STOP condition. Bus timing is illustrated in Figure 4.
PIN DESCRIPTION
SCL: The Serial Clock input pin accepts the Serial Clock generated by the Master. SDA: The Serial Data I/O pin receives input data and transmits data stored in EEPROM. In transmit mode, this pin is open drain. Data is acquired on the positive edge, and is delivered on the negative edge of SCL. A0, A1 and A2: The Address inputs set the device address when cascading multiple devices. When not driven, these pins are pulled LOW internally. WP: The Write Protect input pin inhibits all write operations, when pulled HIGH. When not driven, this pin is pulled LOW internally.
FUNCTIONAL DESCRIPTION
The CAT24Cxx supports the Inter-Integrated Circuit (I2C) Bus data transmission protocol, which defines a device that sends data to the bus as a transmitter and a device receiving data as a receiver. Data flow is controlled by a Master device, which generates the serial clock and all START and STOP conditions. The CAT24Cxx acts as a Slave device. Master and Slave alternate as either transmitter or receiver.
Doc. No. 1115, Rev. C
4
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
Figure 1. START/STOP Conditions
SCL
SDA START CONDITION STOP CONDITION
Figure 2. Slave Address Bits
1
1
1 1
0
0
0 0
1
1
1 1
0
0
0 0
A2 A2
A2
a10
A1 A1
a9
a9
A0 a8
a8
a8
R/W R/W
R/W
R/W
CAT24C01 and CAT24C02 CAT24C04
CAT24C08
CAT24C16
Figure 3. Acknowledge Timing
BUS RELEASE DELAY (TRANSMITTER) SCL FROM MASTER 1 8 9 BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACK DELAY ( tAA) ACK SETUP ( tSU:DAT)
Figure 4. Bus Timing
tF tLOW
tHIGH
tLOW
tR
SCL
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tSU:STO
SDA IN
tAA
tDH
tBUF
SDA OUT
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
WRITE OPERATIONS
Byte Write In Byte Write mode, the Master sends the START condition and the Slave address with the R/W bit set to zero to the Slave. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the CAT24Cxx. After receiving another acknowledge from the Slave, the Master transmits the data byte to be written into the addressed memory location. The CAT24Cxx device will acknowledge the data byte and the Master generates the STOP condition, at which time the device begins its internal Write cycle to nonvolatile memory (Figure 5). While this internal cycle is in progress (tWR), the SDA output will be tri-stated and the CAT24Cxx will not respond to any request from the Master device (Figure 6). Page Write The CAT24Cxx writes up to 16 bytes of data in a single write cycle, using the Page Write operation (Figure 7). The Page Write operation is initiated in the same manner as the Byte Write operation, however instead of terminating after the data byte is transmitted, the Master is allowed to send up to fifteen additional bytes. After each byte has been transmitted the CAT24Cxx will respond with an acknowledge and internally increments the four low order address bits. The high order bits that define the page address remain unchanged. If the Master transmits more than sixteen bytes prior to sending the STOP condition, the address counter `wraps around' to the beginning of page and previously transmitted data will be overwritten. Once all sixteen bytes are received and the STOP condition has been sent by the Master, the internal Write cycle begins. At this point all received data is written to the CAT24Cxx in a single write cycle. Acknowledge Polling The acknowledge (ACK) polling routine can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, the CAT24Cxx initiates the internal write cycle. The ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT24Cxx is still busy with the write operation, NoACK will be returned. If the CAT24Cxx has completed the internal write operation, an ACK will be returned and the host can then proceed with the next read or write operation. Hardware Write Protection With the WP pin held HIGH, the entire memory is protected against Write operations. If the WP pin is left floating or is grounded, it has no impact on the operation of the CAT24Cxx. The state of the WP pin is strobed on the last falling edge of SCL immediately preceding the first data byte (Figure 8). If the WP pin is HIGH during the strobe interval, the CAT24Cxx will not acknowledge the data byte and the Write request will be rejected. Delivery State The CAT24Cxx is shipped erased, i.e., all bytes are FFh.
Doc. No. 1115, Rev. C
6
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
Figure 5. Byte Write Sequence
BUS ACTIVITY: MASTER
S T A R T
SLAVE ADDRESS
ADDRESS BYTE
a7 / a0
DATA BYTE
d7 / d0
S T O P P
S
SLAVE
A C K * For the CAT24C01 a7 = 0
A C K
A C K
Figure 6. Write Cycle Timing
SCL
SDA
8th Bit Byte n
ACK
tWR STOP CONDITION
START CONDITION ADDRESS
Figure 7. Page Write Sequence
BUS ACTIVITY: MASTER
S T A R T
S
SLAVE ADDRESS
ADDRESS BYTE
DATA BYTE n
DATA BYTE n+1
DATA BYTE n+P
S T O P
P
A C K A C K
SLAVE n=1 P 15
A C K
A C K
A C K
Figure 8. WP Timing
ADDRESS BYTE 1 SCL 8 9 1 DATA BYTE 8
SDA
a7
a0
tSU:WP
d7
d0
WP
tHD:WP
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
READ OPERATIONS
Immediate Read Upon receiving a Slave address with the R/W bit set to `1', the CAT24Cxx will interpret this as a request for data residing at the current byte address in memory. The CAT24Cxx will acknowledge the Slave address, will immediately shift out the data residing at the current address, and will then wait for the Master to respond. If the Master does not acknowledge the data (NoACK) and then follows up with a STOP condition (Figure 9), the CAT24Cxx returns to Standby mode. Selective Read Selective Read operations allow the Master device to select at random any memory location for a read operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte address of the location it wishes to read. After the CAT24Cxx acknowledges the byte address, the Master device resends the START condition and the slave address, this time with the R/W bit set to one. The CAT24Cxx then responds with its acknowledge and sends the requested data byte. The Master device does not acknowledge the data (NoACK) but will generate a STOP condition (Figure 10). Sequential Read If during a Read session, the Master acknowledges the 1st data byte, then the CAT24Cxx will continue transmitting data residing at subsequent locations until the Master responds with a NoACK, followed by a STOP (Figure 11). In contrast to Page Write, during Sequential Read the address count will automatically increment to and then wrap-around at end of memory (rather than end of page). In the CAT24C01, the internal address count will not wrap around at the end of the 128 byte memory space.
Doc. No. 1115, Rev. C
8
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
Figure 9. Immediate Read Sequence and Timing
N O
BUS ACTIVITY: MASTER
S T A R T
SLAVE ADDRESS
S AT CO KP P
S
SLAVE
A C K
DATA BYTE
SCL
8
9
SDA
8th Bit
DATA OUT NO ACK STOP
Figure 10. Selective Read Sequence
BUS ACTIVITY: MASTER
S T A R T
S
SLAVE ADDRESS
ADDRESS BYTE
S T A R T
S
N O
SLAVE ADDRESS
S AT CO KP P
SLAVE
A C K
A C K
A C K
DATA BYTE
Figure 11. Sequential Read Sequence
BUS ACTIVITY: MASTER
N O
SLAVE ADDRESS
A C K
A C K
A C K
S AT CO KP
P
SLAVE
A C K
DATA BYTE n
DATA BYTE n+1
DATA BYTE n+2
DATA BYTE n+x
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
PACKAGE OUTLINE
8-lead 300 MIL Wide Plastic DIP (L)
E1
D
E
A2
A
A1
L
e b2 b
eB
SYMBOL A A1 A2 b b2 D E E1 e eB L
MIN 0.38 3.05 0.36 1.14 9.02 7.62 6.09 7.87 0.115
NOM
MAX 4.57 3.81 0.56 1.77 10.16 8.25 7.11 9.65 0.150
24C16_8-LEAD_DIP_(300P).eps
0.46
7.87 6.35 2.54 BSC 0.130
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC Standard MS001. (3) Dimensioning and tolerancing per ANSI Y14.5M-1982
Doc. No. 1115, Rev. C
10
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
8-lead 150 Mil Wide Soic (W)
E1 E
D A 1 e b A1
h x 45 C
L
SYMBOL A1 A b C D E E1 e h L 1
MIN 0.10 1.35 0.33 0.19 4.80 5.80 3.80
NOM
MAX 0.25 1.75 0.51 0.25 5.00 6.20 4.00
1.27 BSC 0.25 0.40 0 0.50 1.27 8
24C16_8-LEAD_SOIC.eps
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC specification MS-012 dimensions.
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
11
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
8-Lead TSSOP (Y)
D
8 5
SEE DETAIL A
c E E1
E/2
1
4
GAGE PLANE
PIN #1 IDENT. 1 A2 L 0.25 SEATING PLANE SEE DETAIL A A
e b
A1
SYMBOL A A1 A2 b c D E E1 e L 1
MIN 0.05 0.80 0.19 0.09 2.90 6.30 4.30 0.50 0.00
NOM
MAX 1.20 0.15 1.05 0.30 0.20 3.10 6.50 4.50 0.75 8.00
0.90
3.00 6.4 4.40 0.65 BSC 0.60
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC specification MO-153.
Doc. No. 1115, Rev. C
12
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
8-Lead MSOP (Z)
E1
E
e
D
GAUGE PLANE
A2
A
c
L2
b
A1
L
L1
SYMBOL
MIN
NOM
MAX
A
1.1
A1
0.05
0.10
0.15
A2
0.75
0.85
0.95
b
0.28
0.33
0.38
c
D
2.90
3.00
3.10
E
4.80
4.90
5.00
E1
2.90
3.00
3.10
e
0.65 BSC
L
0.35
0.45
0.55
L1
L2
0
6
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
8-lead_MSOP.eps
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC specification MS-187. (3) Stand off height/coplanarity are considered as special characteristics.
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
13
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
8-PAD TDFN 2X3 PACKAGE (VP2)
A
E
PIN 1 INDEX AREA
D
A1
A2
A3
D2
SYMBOL A A1 A2 A3 b D D2 E E2 e L
MIN 0.70 0.00 0.45 0.20 1.90 1.30 2.90 1.20 0.20
NOM 0.75 0.02 0.55 0.20 REF 0.25 2.00 1.40 3.00 1.30 0.50 TYP 0.30
MAX 0.80 0.05 0.65 0.30 2.10 1.50 3.10 1.40 0.40
b e
3xe
E2
PIN 1 ID
L
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
TDFN2X3 (03).eps
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC specification MO-229.
Doc. No. 1115, Rev. C
14
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24C01/02/04/08/16
5 LEAD TSOT-23 PACKAGE
5-Lead TSOT-23 (TD)
e
e
E E1 E1
e1
D GAUGE PLANE L2 L b A1 L1
A2
A
c
SYMBOL A A1 A2 b c D E E1 e e1 L L1 L2
MIN -- 0.01 0.80 0.30 0.12
0.30
NOM -- 0.05 0.87 -- 0.15 2.90 BSC 2.80 BSC 1.60 BSC 0.95 BSC 1.90 BSC 0.40 0.60 REF 0.25 BSC
MAX 1.0 0.1 0.9 0.45 0.20
0.50
0
8
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) All dimensions are in millimeters. Angels in degrees. (2) Complies with JEDEC specification MO-193.
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
15
Doc No. 1115, Rev. C
CAT24C01/02/04/08/16
EXAMPLE OF ORDERING INFORMATION
Prefix CAT Device # 24C16 Suffix Y I - G T3
Company ID
Product Number 24C01 24C02 24C04 24C08 24C16
Temperature Range I = Industrial (-40C to +85C)
T: Tape & Reel 3: 3000/Reel
Lead Finish G: NiPdAu Blank: Matte-Tin Package PDIP SOIC, JEDEC TSSOP MSOP (4) TDFN TSOT
L: W: Y: Z: VP2: TD:
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is NiPdAu pre-plated (PPF) lead frames. (3) The device used in the above example is a CAT24C16YI-GT3 (TSSOP, Industrial Temperature, NiPdAu, Tape & Reel). (4) For availability, please contact your nearest Catalyst Semiconductor Sales Office. (5) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
Doc. No. 1115, Rev. C
16
(c) 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
REVISION HISTORY
Date 07/18/06 07/31/06 11/29/06 Revision Comments A B C Combine 5 data sheets into one data sheet. Update Package Marking Update Features Update Pin Configuration Update Functional Symbol Added 8-Lead MSOP Package Outline Remove Package Marking Update Example of Ordering Information
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following: AE2 TM, Beyond Memory TM, DPP TM, EZDim TM, MiniPotTM and Quad-Mode TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES. Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.1000 Fax: 408.542.1200 www.catsemi.com
Publication #: Revison: Issue date:
1115 C 11/29/06


▲Up To Search▲   

 
Price & Availability of CAT24C01VP2IT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X